Part Number Hot Search : 
FE01003 AHCT1 29F800 0ETTTS MJD350 NZGL00 MC140 W78M32
Product Description
Full Text Search
 

To Download 3VD324500YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3VD324500YL
3VD324500YL HIGH VOLTAGE MOSFET CHIPS
DESCRIPTION
3VD324500YL is a High voltage N-Channel enhancement mode power MOS-FET chip fabricated in advanced silicon epitaxial planar technology; Advanced termination scheme to provide enhanced voltage-blocking capability; Avalanche Energy Specified; Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode; The chips may packaged in TO-220 type; The packaged product is widely used in AC-DC power suppliers, DC-DC converters and H-bridge PWM motor drivers; Die size: 3.78mm*2.78mm; Chip Thickness: 30020m; Top metal: Al, Backside Metal: Ag.
1-Gate PAD 3-Source PAD
1
3
CHIP TOPOGRAPHY
ABSOLUTE MAXIMUM RATINGS (Tamb=25C)
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current Power Dissipation (TO-220 Package) Operation Junction Temperature Storage Temperature Symbol VDS VGS ID PD TJ Tstg Ratings 500 20 5.5 74 150 -55+150 Unit V V A W C C
ELECTRICAL CHARACTERISTICS (Tamb=25C)
Parameter Drain -Source Breakdown Voltage Gate Threshold Voltage Drain-Source Leakage Current Static Drain- Source On State Resistance Gate-Source Leakage Current Source-Drain Diode Forward on Voltage Symbol BVDSS VTH IDSS RDS(on) IGSS VFSD Test conditions VGS=0V, ID=250A VGS= VDS, ID=250A VDS=500V, VGS=0V VGS=10V, ID=2.7A VGS=20V, VDS=0V IS=5.5A, VGS=0V Min. 500 2 Typ. Max. 4 1 1.5 100 1.6 Unit V V A nA V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2008.10.15 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of 3VD324500YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X